| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8475ARMZ-R7 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8475ARMZ-R7 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 24 page ![]() Data Sheet AD8475 Rev. D | Page 3 of 24 SPECIFICATIONS VS = 5 V, G = 0.4, VOCM connected to 2.5 V, RL = 1 kΩ differentially, TA = 25°C, referred to output (RTO), unless otherwise noted. Table 1. B Grade A Grade Parameter Test Conditions/Comments Min Typ Max Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Small Signal Bandwidth 150 150 MHz −3 dB Large Signal Bandwidth 15 15 MHz Slew Rate 2 V step 50 50 V/µs Settling Time to 0.01% 2 V step on output 45 45 ns Settling Time to 0.001% 2 V step on output 50 50 ns NOISE/DISTORTION1 THD + N f = 100 kHz, VOUT = 4 V p-p, 22 kHz band-pass filter −112 −112 dB HD2 f = 1 MHz, VOUT = 2 V p-p −110 −110 dB HD3 f = 1 MHz, VOUT = 2 V p-p −96 −96 dB IMD3 f1 = 0.95 MHz, f2 = 1.05 MHz, VOUT = 2 V p-p −90 −90 dBc IMD3 f1 = 95 kHz, f2 = 105 kHz, VOUT = 2 V p-p −84 −84 dBc Output Voltage Noise f = 0.1 Hz to 10 Hz 2.5 2.5 µV p-p Spectral Noise Density f = 1 kHz 10 10 nV/√Hz GAIN 0.4 0.4 V/V Gain Error RL = ∞ 0.02 0.05 % Gain Drift −40°C ≤ TA ≤ +85°C 1 3 1 3 ppm/°C Gain Nonlinearity VOUT = 4 V p-p 2.5 2.5 ppm OFFSET AND CMRR Offset2 RTO 50 200 50 500 µV vs. Temperature −40°C ≤ TA ≤ +85°C 2.5 2.5 µV/°C vs. Power Supply VS = ±2.5 V to ±5 V 90 90 dB Common-Mode Rejection Ratio VINcm = ±5 V 86 76 dB INPUT CHARACTERISTICS Input Voltage Range3 Differential input −6.25 +6.25 −6.25 +6.25 V Single-ended input −12.5 +12.5 −12.5 +12.5 V Impedance4 VINcm = VS/2 Single-Ended Input 2.92 2.92 kΩ Differential Input 5 5 kΩ Common Mode Input 1.75 1.75 kΩ OUTPUT CHARACTERISTICS Output Swing −VS + 0.05 +VS − 0.05 −VS + 0.05 +VS − 0.05 Output Balance Error ∆VOUT,cm/∆VOUT,dm –90 −80 dB Output Impedance 0.1 0.1 Ω Capacitive Load Per output 30 30 pF Short-Circuit Current Limit 110 110 mA VOCM CHARACTERISTICS VOCM Input Voltage Range −VS + 1 +VS −VS + 1 +VS V VOCM Input Impedance 100 100 kΩ VOCM Gain Error 0.02 0.02 % |