Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7771BCPZ Fiches technique(PDF) 90 Page - Analog Devices

No de pièce AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Fiches technique(HTML) 90 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 86Page - Analog Devices AD7771BCPZ Datasheet HTML 87Page - Analog Devices AD7771BCPZ Datasheet HTML 88Page - Analog Devices AD7771BCPZ Datasheet HTML 89Page - Analog Devices AD7771BCPZ Datasheet HTML 90Page - Analog Devices AD7771BCPZ Datasheet HTML 91Page - Analog Devices AD7771BCPZ Datasheet HTML 92Page - Analog Devices AD7771BCPZ Datasheet HTML 93Page - Analog Devices AD7771BCPZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 89 of 98
CHANNEL 5 STATUS REGISTER
Address: 0x051, Reset: 0x00, Name: CH5_ERR_REG
Channel 5 - Reference detect error
AIN5- undervoltage error
AIN5+ overvoltage error
AIN5- overvoltage error
AIN5+ undervoltage error
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[0] CH5_ERR_REF_DET (R)
[4] CH5_ERR_AINM_UV (R)
[1] CH5_ERR_AINP_OV (R)
[3] CH5_ERR_AINM_OV (R)
[2] CH5_ERR_AINP_UV (R)
Table 124. Bit Descriptions for CH5_ERR_REG
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R/W
4
CH5_ERR_AINM_UV
Channel 5—AIN5− Undervoltage Error
0x0
R
3
CH5_ERR_AINM_OV
Channel 5—AIN5− Overvoltage Error
0x0
R
2
CH5_ERR_AINP_UV
Channel 5—AIN5+ Undervoltage Error
0x0
R
1
CH5_ERR_AINP_OV
Channel 5—AIN5+ Overvoltage Error
0x0
R
0
CH5_ERR_REF_DET
Channel 5—Reference Detect Error
0x0
R
CHANNEL 6 STATUS REGISTER
Address: 0x052, Reset: 0x00, Name: CH6_ERR_REG
Channel 6 - Reference detect error
AIN6- undervoltage error
AIN6+ overvoltage error
AIN6- overvoltage error
AIN6+ undervoltage error
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[0] CH6_ERR_REF_DET (R)
[4] CH6_ERR_AINM_UV (R)
[1] CH6_ERR_AINP_OV (R)
[3] CH6_ERR_AINM_OV (R)
[2] CH6_ERR_AINP_UV (R)
Table 125. Bit Descriptions for CH6_ERR_REG
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R/W
4
CH6_ERR_AINM_UV
Channel 6—AIN6− Undervoltage Error
0x0
R
3
CH6_ERR_AINM_OV
Channel 6—AIN6− Overvoltage Error
0x0
R
2
CH6_ERR_AINP_UV
Channel 6—AIN6+ Undervoltage Error
0x0
R
1
CH6_ERR_AINP_OV
Channel 6—AIN6+ Overvoltage Error
0x0
R
0
CH6_ERR_REF_DET
Channel 6—Reference Detect Error
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99