Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7771 Fiches technique(PDF) 49 Page - Analog Devices

No de pièce AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7771 Fiches technique(HTML) 49 Page - Analog Devices

Back Button AD7771 Datasheet HTML 45Page - Analog Devices AD7771 Datasheet HTML 46Page - Analog Devices AD7771 Datasheet HTML 47Page - Analog Devices AD7771 Datasheet HTML 48Page - Analog Devices AD7771 Datasheet HTML 49Page - Analog Devices AD7771 Datasheet HTML 50Page - Analog Devices AD7771 Datasheet HTML 51Page - Analog Devices AD7771 Datasheet HTML 52Page - Analog Devices AD7771 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 48 of 98
LOW POWER MODE
Table 26. DR and RTI for Low Power Mode
Sinc
Filter
Decimation
Rate
Output Data
Rate (SPS)
f−3dB
(Hz)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
DR
(dB)
RTI
(µV rms)
DR
(dB)
RTI
(µV rms)
DR
(dB)
RTI
(µV rms)
DR
(dB)
RTI
(µV rms)
Sinc5
16
32,000
6833.54
94.3
34.2
90.9
25.04
86.5
20.5
81.3
19.43
32
16,000
3548.74
100.9
15.7
97.8
11.22
93.6
9.0
87.9
8.39
64
8,000
1906.34
106.7
83.3
104.6
5.18
100.6
4.03
96.1
3.46
512
1,000
469.24
117.1
25.2
116.8
1.29
114.4
8.41
110.7
0.67
Sinc3
64
8,000
2756.43
95.5
29.86
95.0
15.26
93.7
8.9
90.8
6.11
128
4,000
1695.23
105.4
9.47
105.1
4.95
102.7
3.21
98.7
2.51
256
2,000
1164.63
111.7
4.62
111.2
2.41
108.9
1.57
104.8
1.27
1024
500
766.68
118.6
2.1
118.2
1.07
116.2
0.7
112.5
0.54
Table 27. ENOB and ER for Low Power Mode
Sinc
Filter
Decimation
Rate
Output Data
Rate (SPS)
f−3dB
(Hz)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
ENOB
(Bits)
ER
(Bits)
ENOB
(Bits)
ER
(Bits)
ENOB
(Bits)
ER
(Bits)
ENOB
(Bits)
ER
(Bits
Sinc5
16
32,000
6833.54
15.4
17.2
14.8
17.6
14.1
17.9
13.2
18.0
32
16,000
3548.74
16.5
18.3
16.0
18.8
15.3
19.1
14.3
19.2
64
8000
1906.34
17.4
15.9
17.1
19.9
16.4
20.2
15.7
20.5
512
1000
469.24
19.2
17.6
19.1
21.9
18.7
19.2
18.1
22.8
Sinc3
64
8,000
2756.43
15.6
17.4
15.5
18.3
15.3
19.1
14.8
19.6
128
4,000
1695.23
17.2
19.0
17.2
19.9
16.8
20.6
16.1
20.9
256
2,000
1164.63
18.3
20.0
18.2
21.0
17.8
21.6
17.1
21.9
1024
500
766.68
19.4
21.2
19.3
22.2
19.0
22.8
18.4
23.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99