Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7617 Fiches technique(PDF) 21 Page - Analog Devices

No de pièce AD7617
Description  16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7617 Fiches technique(HTML) 21 Page - Analog Devices

Back Button AD7617 Datasheet HTML 17Page - Analog Devices AD7617 Datasheet HTML 18Page - Analog Devices AD7617 Datasheet HTML 19Page - Analog Devices AD7617 Datasheet HTML 20Page - Analog Devices AD7617 Datasheet HTML 21Page - Analog Devices AD7617 Datasheet HTML 22Page - Analog Devices AD7617 Datasheet HTML 23Page - Analog Devices AD7617 Datasheet HTML 24Page - Analog Devices AD7617 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
AD7617
Data Sheet
Rev. 0 | Page 20 of 51
Figure 38. Static/Dynamic IVCC Current vs. Temperature
Figure 39. Dynamic VDRIVE Current vs. Temperature
Figure 40. Static VDRIVE Current vs. Temperature
Figure 41. IVCC Current vs. Sampling Frequency
0
10
20
30
40
50
60
70
80
90
100
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
STATIC
DYNAMIC
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
38
39
40
41
42
43
44
45
46
47
100
200
300
400
500
600
700
800
900
1000
SAMPLING FREQUENCY (kSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52