Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS3M Fiches technique(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

No de pièce GS3M
Description  3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Site Internet  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GS3M Fiches technique(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GS3M Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GS3M Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
GS3A-GS3M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
GS3A-GS3M
0
1.5
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
0.5
1.0
2.0
2.5
25
50
75
100
125
150
3.0
Resistive or
Inductive Load
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (% )
Fig. 4 Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Forward Surge Current Derating Curve
Single Half-Sine-Wave
JEDEC Method
80
100
120
0.01
0.1
1.0
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0
0.4
0.8
1.0
1.4
1.8
Alldatasheet



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com