| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC4211CMS Fiches technique(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4211CMS Fiches technique(HTML) 3 Page - Linear Technology |
|
3 / 36 page ![]() 3 LTC4211 4211f SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS ∆VGATE External N-Channel Gate Drive VGATE – VCC (For VCC = 2.5V) q 4.0 8 V VGATE – VCC (For VCC = 2.7V) q 4.5 8 V VGATE – VCC (For VCC = 3.3V) q 5.0 10 V VGATE – VCC (For VCC = 5V) q 10 16 V VGATE – VCC (For VCC = 12V) q 10 18 V VGATE – VCC (For VCC = 15V) q 818 V VGATEOV GATE Overvoltage Lockout Threshold q 0.08 0.2 0.3 V VFB FB Voltage Threshold FB High to Low q 1.223 1.236 1.248 V ∆VFB FB Threshold Line Regulation 2.5V ≤ VCC ≤ 16.5V q 0.5 5 mV VFBHST FB Voltage Threshold Hysteresis 3mV VONHI ON Threshold High q 1.23 1.316 1.39 V VONLO ON Threshold Low q 1.20 1.236 1.26 V VONHST ON Hysteresis 80 mV IFILTER FILTER Current During Slow Fault Condition q –2.5 –2 –1.5 µA During Normal and Reset Conditions q 710 13 µA VFILTER FILTER Threshold Latched Off Threshold, FILTER Low to High q 1.20 1.236 1.26 V VFILTERHST FILTER Threshold Hysteresis 80 mV ITMR TIMER Current Timer On, VTIMER = 1V q – 2.5 – 2 – 1.5 µA Timer Off, TIMER = 1.5V 3 mA VTMR TIMER Threshold TIMER Low to High q 1.20 1.236 1.26 V TIMER High to Low q 0.15 0.200 0.40 V VFAULT FAULT Threshold Latched Off Threshold, FAULT High to Low q 1.20 1.236 1.26 V VFAULTHST FAULT Threshold Hysteresis 50 mV VOLFAULT Output Low Voltage IFAULT = 1.6mA q 0.14 0.4 V VOLRESET Output Low Voltage IRESET = 1.6mA q 0.14 0.4 V tFAULTFC FAST COMP Trip to GATE Discharging VCB = 0mV to 200mV Step q 300 700 ns tFAULTSC SLOW COMP Trip to GATE Discharging VCB = 0mV to 100mV Step, q 10 20 30 µs 8-Pin Version or FILTER Floating VCB = 0mV to 100mV Step, q 468 ms 10nF at FILTER Pin to GND tEXTFAULT FAULT Low to GATE Discharging VFAULT = 5V to 0V q 135 µs tFILTER FILTER High to FAULT Latched VFILTER = 0V to 5V q 2 4.5 7 µs tRESET Circuit Breaker Reset Delay Time ON Low to FAULT High q 150 250 µs tOFF Turn-Off Time ON Low to GATE Off 8 µs The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2) ELECTRICAL CHARACTERISTICS Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All current into device pins are positive; all current out of device pins are negative; all voltages are referenced to ground unless otherwise specified. Note 3: An internal Zener at the GATE pin clamps the charge pump voltage to a typical maximum operating voltage of 26V. External voltage applied to the GATE pin beyond the internal Zener voltage may damage the part. If a lower GATE pin voltage is desired, use an external Zener diode. The GATE capacitance must be < 0.15 µF at maximum VCC. |