| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC3703 Fiches technique(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3703 Fiches technique(HTML) 4 Page - Linear Technology |
|
4 / 32 page ![]() LTC3703 4 3703f TYPICAL PERFOR A CE CHARACTERISTICS Efficiency vs Input Voltage Efficiency vs Load Current Load Transient Response VCC Current vs VCC Voltage VCC Current vs Temperature VCC Shut-Down Current vs VCC Voltage VCC Shut-Down Current vs Temperature Reference Voltage vs Temperature Normalized Frequency vs Temperature TEMPERATURE ( °C) –60 –40 –20 0 60 100 20 40 80 TEMPERATURE ( °C) –60 –40 –20 0 60 100 20 40 80 –60 –40 –20 0 20 40 60 80 100 TEMPERATURE ( °C) 3703 G09 1.20 1.15 1.10 1.05 1.00 0.95 0.90 0.85 0.80 INPUT VOLTAGE (V) 3703 G01 100 95 90 85 80 75 70 0 20 40 50 10 30 60 70 80 LOAD CURRENT (A) 0 0.5 1.5 2.5 3.5 4.5 100 95 90 85 80 75 70 1.0 2.0 3.0 4.0 3703 G02 5.0 VCC VOLTAGE (V) 6 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 12 3703 G04 810 14 16 TEMPERATURE ( °C) –60 –40 –20 0 60 100 3703 G05 20 40 80 4 3 2 1 0 3703 G03 VCC VOLTAGE (V) 6 100 90 80 70 60 50 40 30 20 10 0 14 3703 G06 8 10 12 16 3703 G07 70 65 60 55 50 45 40 35 30 0.803 0.802 0.801 0.800 0.799 0.798 3703 G08 VOUT = 12V f = 300kHz PULSE SKIP DISABLED VOUT = 5V f = 250kHz PULSE SKIP ENABLED IOUT = 0.5A IOUT = 5A VIN = 75V VIN = 45V VIN = 15V VOUT 50mV/DIV IOUT 2A/DIV VIN = 50V VOUT = 12V 1A TO 5A LOAD STEP 50 µs/DIV VFB = 0V COMP = 1.5V VFB = 0V COMP = 1.5V TA = 25°C (unless otherwise noted). |