| Moteur de recherche de fiches techniques de composants électroniques |
|
LM324KA Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324KA Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 18 page ![]() MECHANICAL DATA MCFP002A – JANUARY 1995 – REVISED FEBRUARY 2002 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 W (R-GDFP-F14) CERAMIC DUAL FLATPACK 0.360 (9,14) 0.250 (6,35) 8 7 14 1 0.235 (5,97) 0.004 (0,10) 0.026 (0,66) 4 Places 0.015 (0,38) 0.045 (1,14) 0.335 (8,51) 0.008 (0,20) 0.045 (1,14) Base and Seating Plane 0.005 (0,13) MIN 0.019 (0,48) 0.390 (9,91) 0.260 (6,60) 0.080 (2,03) 4040180-2 / C 02/02 0.360 (9,14) 0.250 (6,35) 0.280 (7,11) MAX 0.050 (1,27) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Index point is provided on cap for terminal identification only. E. Falls within MIL STD 1835 GDFP1-F14 and JEDEC MO-092AB |