Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF256 Fiches technique(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LF256
Description  JFET Input Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF256 Fiches technique(HTML) 19 Page - National Semiconductor (TI)

Back Button LF256 Datasheet HTML 15Page - National Semiconductor (TI) LF256 Datasheet HTML 16Page - National Semiconductor (TI) LF256 Datasheet HTML 17Page - National Semiconductor (TI) LF256 Datasheet HTML 18Page - National Semiconductor (TI) LF256 Datasheet HTML 19Page - National Semiconductor (TI) LF256 Datasheet HTML 20Page - National Semiconductor (TI) LF256 Datasheet HTML 21Page - National Semiconductor (TI) LF256 Datasheet HTML 22Page - National Semiconductor (TI) LF256 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Typical Applications (Continued)
Fast Sample and Hold
00564633
•
Both amplifiers (A1, A2) have feedback loops individually closed with stable responses (overshoot negligible)
•
Acquisition time T
A, estimated by:
•
LF156 develops full S
r output capability for VIN ≥ 1V
•
Addition of SW2 improves accuracy by putting the voltage drop across SW1 inside the feedback loop
•
Overall accuracy of system determined by the accuracy of both amplifiers, A1 and A2
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23