| Moteur de recherche de fiches techniques de composants électroniques |
|
IXHQ100 Fiches technique(PDF) 6 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXHQ100 Fiches technique(HTML) 6 Page - IXYS Corporation |
|
6 / 9 page ![]() 6 IXHQ100 Logic Dia IXHQ100 Logic Dia IXHQ100 Logic Dia IXHQ100 Logic Dia IXHQ100 Logic Diagram gram gram gram gram Pin Descriptions Pin Descriptions Pin Descriptions Pin Descriptions Pin Descriptions (continued) IXHQ 100PI IXHQ 100SI Figure 2 Figure 2 Figure 2 Figure 2 Figure 2 PIN # SYMBOL FUNCTION DESCRIPTION 9 VDDout Regulator output voltage Regulator output voltage provides current to drive the external circuits with respect to AGND. 10 VCL Overcurrent threshold bias voltage Sets the overcurrent threshold bias voltage. 11 SOURCE Current input sensor Input for sensing current through power device with respect to AGND. 12 GATE Output Control voltage for driving external MOSFET. 13 OUTsns Out sensor signal This signal senses the output voltage of the circuit. 14 RSTout Output Reset A low at this pin indicates detection of an insert/removal event or overcurrent detection. 16 NC N/A Not Connected |