Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECT25S40 Fiches technique(PDF) 25 Page - E-CMOS Corporation

No de pièce ECT25S40
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40 Fiches technique(HTML) 25 Page - E-CMOS Corporation

Back Button ECT25S40 Datasheet HTML 21Page - E-CMOS Corporation ECT25S40 Datasheet HTML 22Page - E-CMOS Corporation ECT25S40 Datasheet HTML 23Page - E-CMOS Corporation ECT25S40 Datasheet HTML 24Page - E-CMOS Corporation ECT25S40 Datasheet HTML 25Page - E-CMOS Corporation ECT25S40 Datasheet HTML 26Page - E-CMOS Corporation ECT25S40 Datasheet HTML 27Page - E-CMOS Corporation ECT25S40 Datasheet HTML 28Page - E-CMOS Corporation ECT25S40 Datasheet HTML 29Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 25 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Figure 19. Set Burst with Wrap Command Sequence
ID and Security Instructions
Read Manufacture ID/ Device ID (90H)
See Figure 20, the Read Manufacturer/Device ID instruction is an alternative to the Release
From Power-Down/Device ID instruction that provides both the JEDEC assigned Manufacturer
ID and the specific Device ID.
The instruction is initiated by driving the /CS pin low and shifting the instruction code
“90H”
followed by a 24-bit address (A23-A0) of 000000H. If the 24-bit address is initially set to
000001H, the Device ID will be read first.
Figure 20. Read Manufacture ID/ Device ID Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46