Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC9219 Fiches technique(PDF) 13 Page - E-CMOS Corporation

No de pièce EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Fiches technique(HTML) 13 Page - E-CMOS Corporation

Back Button EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation EC9219 Datasheet HTML 10Page - E-CMOS Corporation EC9219 Datasheet HTML 11Page - E-CMOS Corporation EC9219 Datasheet HTML 12Page - E-CMOS Corporation EC9219 Datasheet HTML 13Page - E-CMOS Corporation EC9219 Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 13 / 14
2009/09/29
Place all feedback voltage-divider resistors as close to their respective feedback pins as possible. The
divider’s center trace should be kept short. Placing the resistors far away causes their FB traces to
become antennas that can pick up switching noise. Take care to avoid running any feedback trace near
LX or the switching nodes in the charge pumps.
Place the VIN pin bypass capacitors as close to the device as possible. The ground connection of the
VIN bypass capacitor should be connected directly to the SGND pin with a wide trace.
Minimize the length and maximize the width of the traces between the output capacitors and the load
for best transient responses.
Minimize the size of the LX node while keeping it wide and short. Keep the LX node away from
feedback nodes (FB) and analog ground. Use DC traces to shield if necessary.
Refer to the EC9219 DEMO BOARD for an example of proper PC board layout.
Package Dimension
TSSOP-14
Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14