Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS412I Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce HCS412I
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412I Fiches technique(HTML) 39 Page - Microchip Technology

Back Button HCS412I Datasheet HTML 35Page - Microchip Technology HCS412I Datasheet HTML 36Page - Microchip Technology HCS412I Datasheet HTML 37Page - Microchip Technology HCS412I Datasheet HTML 38Page - Microchip Technology HCS412I Datasheet HTML 39Page - Microchip Technology HCS412I Datasheet HTML 40Page - Microchip Technology HCS412I Datasheet HTML 41Page - Microchip Technology HCS412I Datasheet HTML 42Page - Microchip Technology HCS412I Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 39
HCS412
9.1
Package Marking Information
Legend: MM...M Microchip part number information
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code and traceability code. For
marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For
SQTP devices, any special marking adders are included in SQTP price.
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
HCS412
XXXXX862
9925
8-Lead SOIC (150 mil)
XXXXXXXX
Example
NNN
XXXXYYWW
XXXXXXXX
862
XXXX9925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44