Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF40161B Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce HCF40161B
Description  SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40161B Fiches technique(HTML) 2 Page - STMicroelectronics

  HCF40161B Datasheet HTML 1Page - STMicroelectronics HCF40161B Datasheet HTML 2Page - STMicroelectronics HCF40161B Datasheet HTML 3Page - STMicroelectronics HCF40161B Datasheet HTML 4Page - STMicroelectronics HCF40161B Datasheet HTML 5Page - STMicroelectronics HCF40161B Datasheet HTML 6Page - STMicroelectronics HCF40161B Datasheet HTML 7Page - STMicroelectronics HCF40161B Datasheet HTML 8Page - STMicroelectronics HCF40161B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HCF40161B
2/14
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
LOGIC DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
1
CLEAR
Asynchronous Master
Reset
2
CLOCK
Clock Input (LOW to
HIGH, Edge-triggered)
3, 4, 5, 6
P1 to P4
Data Inputs
7
PE
Count Enable Input
10
TE
Count Enable Carry Input
9LOAD
Parallel Enable Input
14, 13, 12,
11
Q1 to Q4
Flip Flop Outputs
15
CARRY OUT Terminal Count Output
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14