| Moteur de recherche de fiches techniques de composants électroniques |
|
CS61884-IB Fiches technique(PDF) 38 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61884-IB Fiches technique(HTML) 38 Page - Cirrus Logic |
|
38 / 72 page ![]() CS61884 38 DS485PP4 14.16 Global Control Register (0Fh) 14.17 Line Length Channel ID Register (10h) BIT NAME Description This register is the global control for the AWG Auto-Increment, Automatic AIS insertion, encoding/decoding and the jitter attenuators location, FIFO length and corner frequency for all eight channels. Register bits default to 00h after power-up or reset. [7] AWG Auto- Increment The AWG Auto-Increment bit indicates whether to auto-increment the AWG Phase Address Register (17h) (See Section 14.24 on page 40) after each access. Thus, when this bit is set, the phase samples address portion of the address register increments after each read or write access. This bit must be set before any bit in the AWG Enable register is set, if this function is required. [6] RAISEN On LOS, this bit controls the automatic AIS insertion into all eight receiver paths. 0=Disabled 1 = Enabled [5] RSVD RESERVED (This bit must be set to 0.) [4] CODEN Line encoding/decoding Selection 0 = B8ZS/HDB3 (T1/J1/E1 respectively) 1= AMI [3] FIFO LENGTH Jitter Attenuator FIFO length Selection 0 = 32 bits 1 = 64 bits [2] JACF Jitter Attenuator Corner Frequency Selection E1 T1/J1 0 = 1.25Hz 3.78Hz 1 = 2.50Hz 7.56Hz [1:0] JASEL [1:0] These bits select the position of the Jitter Attenuator. BIT NAME Description [7:3] RSVD 7-3 RESERVED (These bits must be set to 0.) [2:0] LLID 2-0 The value written to these bits specify the LIU channel for which the Pulse Shape Configura- tion Data (register 11h) applies. For example, writing a value of a binary 000 to the 3-LSBs will select channel 0. The pulse shape configuration data for the channel specified in this reg- ister are written or read through the Line Length Data Register (11h). Register bits default to 00h after power-up or reset. JASEL 1 JASEL 0 POSITION 00 Disabled 0 1 Transmit Path 10 Disabled 11 Receive Path |