Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT75C310 Fiches technique(PDF) 13 Page - ATMEL Corporation

No de pièce AT75C310
Description  Smart Internet Appliance Processor Electrical and Mechanical Characteristics
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C310 Fiches technique(HTML) 13 Page - ATMEL Corporation

Back Button AT75C310 Datasheet HTML 9Page - ATMEL Corporation AT75C310 Datasheet HTML 10Page - ATMEL Corporation AT75C310 Datasheet HTML 11Page - ATMEL Corporation AT75C310 Datasheet HTML 12Page - ATMEL Corporation AT75C310 Datasheet HTML 13Page - ATMEL Corporation AT75C310 Datasheet HTML 14Page - ATMEL Corporation AT75C310 Datasheet HTML 15Page - ATMEL Corporation AT75C310 Datasheet HTML 16Page - ATMEL Corporation AT75C310 Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AT75C310
13
Codec Timing Waveforms
Figure 12. FS and SCLK as Outputs
Note:
All timings based on worst-case conditions of Codec A or B interface and so apply to both.
Table 11. FS and SCLK as Outputs Timings
Symbol
Parameter
Min (ns)
Max (ns)
t
FSV
FS Valid after TX Edge of SSCLK (Long PCM Type)
–
75.0
FS Valid after TX Edge of SSCLK (All Other Types)
–
50.0
t
FSH
FS Output Hold after Last RX Edge of SSCLK
(Long PCM)
49.0
–
FS Output Hold after Last RX Edge of SSCLK (All
Other Types)
25.0
–
t
STXV
STX Valid after TX Edge of SSCLK
22.0
25.0
t
SRXS
SRX Setup before RX Edge of SSCLK
50.0
–
t
RSXH
SRX Hold after RX Edge of SSCLK
0
–
t
SCLK
SSCLK Generated Period
100.0
6375.0
SSCLK
FS
STX
SRX
tSCLK
tFSH
tFSV
tSTXV
tSRXS
tRSXH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17