| Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7174 Fiches technique(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7174 Fiches technique(HTML) 21 Page - Analog Devices |
|
21 / 52 page ![]() ADV7174/ADV7179 Rev. A | Page 21 of 52 Mode 1: Master Option HSYNC, BLANK, FIELD (Timing Register 0 TR0 = X X X X X 0 1 1) In this mode, the ADV7174/ADV7179 can generate horizontal SYNC and odd/even FIELD signals. A transition of the FIELD input when HSYNC is low indicates a new frame, i.e., vertical retrace. The BLANK signal is optional. When the BLANK input is disabled, the ADV7174/ADV7179 automatically blanks all normally blank lines as per CCIR-624. Pixel data is latched on the rising clock edge following the timing signal transitions. Mode 1 is illustrated in Figure 24 (NTSC) and Figure 25 (PAL). Figure 26 illustrates the HSYNC, BLANK, and FIELD for an odd or even field transition relative to the pixel data. FIELD PIXEL DATA PAL = 12 × CLOCK/2 NTSC = 16 × CLOCK/2 PAL = 132 × CLOCK/2 NTSC = 122 × CLOCK/2 Cb Y Cr Y HSYNC BLANK Figure 26. Timing Mode 1 Odd/Even Field Transitions Master/Slave |