Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN91C100FD Fiches technique(PDF) 76 Page - SMSC Corporation

No de pièce LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Fiches technique(HTML) 76 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 71Page - SMSC Corporation LAN91C100FD Datasheet HTML 72Page - SMSC Corporation LAN91C100FD Datasheet HTML 73Page - SMSC Corporation LAN91C100FD Datasheet HTML 74Page - SMSC Corporation LAN91C100FD Datasheet HTML 75Page - SMSC Corporation LAN91C100FD Datasheet HTML 76Page - SMSC Corporation LAN91C100FD Datasheet HTML 77Page - SMSC Corporation LAN91C100FD Datasheet HTML 78Page - SMSC Corporation LAN91C100FD Datasheet HTML 79Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 76
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
Figure 9.11 - MII Interface
PARAMETER
MIN
TYP
MAX
UNITS
t27
TXD0-TXD3, TXEN100 Delay from TX25 Rising
0
15
ns
t28
RXD0-RXD3, RX_DV, RX_ER Setup to RX25 Rising
10
ns
t29
RXD0-RXD3, RX_DV, RX_ER Hold After RX25 Rising
10
ns
t28
t28
t28
t27
t27
t29
t29
TXD0-TXD3
TXEN100
RXD0-RXD3
RX25
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79