Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN91C100FDREVB Fiches technique(PDF) 49 Page - SMSC Corporation

No de pièce LAN91C100FDREVB
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FDREVB Fiches technique(HTML) 49 Page - SMSC Corporation

Back Button LAN91C100FDREVB Datasheet HTML 45Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 46Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 47Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 48Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 49Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 50Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 51Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 52Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 49
Rev. 05/31/2000
Table 3 - VL Local Bus Signal Connections
VL BUS
SIGNAL
LAN91C100
SIGNAL
NOTES
created typically by using nADS delayed by one LCLK.
IRQn
INTR0-INTR3
Typically uses the interrupt lines on the ISA edge connector of VL
bus
D0-D31
D0-D31
32 bit data bus. The bus byte(s) used to access the device are a
function of nBE0-nBE3:
nBE0 nBE1
nBE2
nBE3
0
0
0
0
Double word access
0
0
1
1
Low word access
1
1
0
0
High word access
0
1
1
1
Byte 0 access
1
0
1
1
Byte 1 access
1
1
0
1
Byte 2 access
1
1
1
0
Byte 3 access
Not used = tri-state on reads, ignored on writes. Note that nBE2
and nBE3 override the value of A1, which is tied low in this
application.
nLDEV
nLDEV
nLDEV is a totem pole output. nLDEV is active on valid decodes of
A15-A4 and AEN=0.
UNUSED PINS
VCC
nRD nWR
GND
A1 nVLBUS
OPEN
nDATACS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68