Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC3G04DP Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce 74HC3G04DP
Description  Inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC3G04DP Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button 74HC3G04DP Datasheet HTML 9Page - NXP Semiconductors 74HC3G04DP Datasheet HTML 10Page - NXP Semiconductors 74HC3G04DP Datasheet HTML 11Page - NXP Semiconductors 74HC3G04DP Datasheet HTML 12Page - NXP Semiconductors 74HC3G04DP Datasheet HTML 13Page - NXP Semiconductors 74HC3G04DP Datasheet HTML 14Page - NXP Semiconductors 74HC3G04DP Datasheet HTML 15Page - NXP Semiconductors 74HC3G04DP Datasheet HTML 16Page - NXP Semiconductors 74HC3G04DP Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2003 Oct 30
13
Philips Semiconductors
Product specification
Inverter
74HC3G04; 74HCT3G04
handbook, full pagewidth
open
GND
50 pF
VCC
VCC
VI
VO
MNA742
D.U.T.
CL =
RT
RL =
1 k
Ω
PULSE
GENERATOR
S1
Fig.6 Load circuitry for switching times.
Definitions for test circuit:
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17