| Moteur de recherche de fiches techniques de composants électroniques |
|
6F60 Fiches technique(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
6F60 Fiches technique(HTML) 1 Page - International Rectifier |
|
1 / 6 page ![]() 6F(R) SERIES STANDARD RECOVERY DIODES 6 A 1 Stud Version Bulletin I20206 rev. A 09/98 www.irf.com Features High surge current capability Avalanche types available Stud cathode and stud anode version Wide current range Types up to 1200V V RRM TypicalApplications Battery charges Converters Power supplies Machine tool controls Parameters 6F(R) Units I F(AV) 6A @ T C 160 °C I F(RMS) 9.5 A I FSM @ 50Hz 159 A @ 60Hz 167 A I2t@ 50Hz 134 A2s @ 60Hz 141 A2s V RRM range 100 to 1200 V T J range - 65 to 175 °C Major Ratings and Characteristics case style DO-203AA (DO-4) |
Numéro de pièce similaire - 6F60 |
|
Description similaire - 6F60 |