| Moteur de recherche de fiches techniques de composants électroniques |
|
145 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
145 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() PCN DSG-COM/03/145 Product Family /Commercial Product STANDARD LINEAR products in SO8 package Type Of Change Package assembly process change Reason For Change Environmental directive Description of the change To remove lead from plating by using preplating nickel palladium gold leadframe NiPdAu. This change will not affect ELECTRICAL & MECHANICAL parameters. Samples available: LM393DT/LM358DT. Other samples: on request. PLEASE BOOK YOUR SAMPLE ORDER IN NON-STANDARD WITH THE FOLLOWING COMMENT "AS PER LEADFREE PCN DSG-COM/03/145". Forecasted date of change 07-May-2003 Forecasted date of samples for customer 07-Feb-2003 Forecasted date for STMicroelectronics change 07-Feb-2003 qualification report availability Marking to identify changed product "E" letter on the package close to ST LOGO Description of qualification program See Attached Qualification Plan Product Line(s) and/or Part Number(s) See Attached List Manufacturing Location(s) Estimated Date of first shipment 07-May-2003 Division Product Manager Jean Claude KAIRE Date: Jan.29 ,03 Division Q.A. Manager Francoise PACCARD Date: Jan.29 ,03 Qualification Plan Denied Name: Qualification Plan Approved Title: Customer Acknowledgement of Receipt PCN DSG-COM/03/145 Please sign and return to STMicroelectronics Sales Office Company: Change Denied Date: Change Approved Signature: Remark ....................................................................................................................................................................................................................... ....................................................................................................................................................................................................................... ....................................................................................................................................................................................................................... ....................................................................................................................................................................................................................... ....................................................................................................................................................................................................................... 2003/02/7 |