| Moteur de recherche de fiches techniques de composants électroniques |
|
WEBWR1304FZGS-1-D Fiches technique(PDF) 4 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
WEBWR1304FZGS-1-D Fiches technique(HTML) 4 Page - DDK Ltd. |
|
4 / 8 page ![]() Unit:mm http://www.ddknet.co.jp WEB Series 4 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○WEBWR(Wall Receptacle) Shell Size Number of Contacts Part Number A(max.) B(max.) C φD φE F G J Applicable Cable Size 13 3 WEBWR1303 □□□□ -1-D 73 90 27.2 9.0 18 20 26 19.0 7.0 ~ 9.0 5 WEBWR1305 □□□□ -1-D 16 7 WEBWR1607 □□□□ -2-D 29.5 10.5 22 23 29 22.2 8.0 ~ 10.5 10 WEBWR1610 □□□□ -2-D 21 4 WEBWR2104 □□□□ -1-D 31.8 14.1 26 26 32 26.7 10.5 ~ 14.1 4 WEBWR2104 □□□□ -2-D 11.0 8.5 ~ 11.0 4 WEBWR2104 □□□□ -3-D 8.7 6.5 ~ 8.7 7 WEBWR2107 □□□□ -1-D 14.1 10.5 ~ 14.1 7 WEBWR2107 □□□□ -2-D 11.0 8.5 ~ 11.0 7 WEBWR2107 □□□□ -3-D 8.7 6.5 ~ 8.7 10 WEBWR2110 □□□□ -1-D 14.1 10.5 ~ 14.1 10 WEBWR2110 □□□□ -2-D 11.0 8.5 ~ 11.0 10 WEBWR2110 □□□□ -3-D 8.7 6.5 ~ 8.7 16 WEBWR2116 □□□□ -1-D 14.1 10.5 ~ 14.1 16 WEBWR2116 □□□□ -2-D 11.0 8.5 ~ 11.0 16 WEBWR2116 □□□□ -3-D 8.7 6.5 ~ 8.7 19 WEBWR2119 □□□□ -1-D 14.1 10.5 ~ 14.1 19 WEBWR2119 □□□□ -2-D 11.0 8.5 ~ 11.0 19 WEBWR2119 □□□□ -3-D 8.7 6.5 ~ 8.7 25 16 WEBWR2516 □□□□ -1-D 37.0 16.0 30 29 35 30.0 12.5 ~ 16.0 16 WEBWR2516 □□□□ -2-D 13.0 9.5 ~ 13.0 16 WEBWR2516 □□□□ -3-D 10.0 6.8 ~ 10.0 16 WEBWR2516 □□□□ -7-D 17.0 15.0 ~ 17.0 24 WEBWR2524 □□□□ -1-D 16.0 12.5 ~ 16.0 24 WEBWR2524 □□□□ -2-D 13.0 9.5 ~ 13.0 24 WEBWR2524 □□□□ -3-D 10.0 6.8 ~ 10.0 24 WEBWR2524 □□□□ -7-D 17.0 15.0 ~ 17.0 28 WEBWR2528 □□□□ -1-D 16.0 12.5 ~ 16.0 28 WEBWR2528 □□□□ -2-D 13.0 9.5 ~ 13.0 28 WEBWR2528 □□□□ -3-D 10.0 6.8 ~ 10.0 28 WEBWR2528 □□□□ -7-D 17.0 15.0 ~ 17.0 32 WEBWR2532 □□□□ -1-D 16.0 12.5 ~ 16.0 32 WEBWR2532 □□□□ -2-D 13.0 9.5 ~ 13.0 32 WEBWR2532 □□□□ -3-D 10.0 6.8 ~ 10.0 32 WEBWR2532 □□□□ -7-D 17.0 15.0 ~ 17.0 2 10.5 A B - 0 0 6 1 25 5 2 6 7 10 8 3 4 13 12 1 16 14 15 9 11 Y X Z F G 4-φ3.2 J:Width of two gripping sufaces for wrench WEBWR2524M □ GS -1-D ① Connector Style WR : Wall Receptacle ② Shell Size 13, 16, 21and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Flange Gasket Omit:Less Gasket S : With Gasket(R and WR Only) ⑧ Bushing Size Refer to the following table ⑨ Finish D:Trivalent Chromium Treatment (Black) ①② ③ ④ ⑤ ⑥ ⑦ ⑧ ⑨ |