Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WEBWR1303MZGS-1-D Fiches technique(PDF) 5 Page - DDK Ltd.

No de pièce WEBWR1303MZGS-1-D
Description  Waterproof Circular Connectors for Solder Terminations Meeting IP67
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DDK [DDK Ltd.]
Site Internet  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

WEBWR1303MZGS-1-D Fiches technique(HTML) 5 Page - DDK Ltd.

  WEBWR1303MZGS-1-D Datasheet HTML 1Page - DDK Ltd. WEBWR1303MZGS-1-D Datasheet HTML 2Page - DDK Ltd. WEBWR1303MZGS-1-D Datasheet HTML 3Page - DDK Ltd. WEBWR1303MZGS-1-D Datasheet HTML 4Page - DDK Ltd. WEBWR1303MZGS-1-D Datasheet HTML 5Page - DDK Ltd. WEBWR1303MZGS-1-D Datasheet HTML 6Page - DDK Ltd. WEBWR1303MZGS-1-D Datasheet HTML 7Page - DDK Ltd. WEBWR1303MZGS-1-D Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Unit:mm
http://www.ddknet.co.jp
WEB Series
5
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ WEBCR(Cable Receptacle)
Shell
Size
Number of
Contacts
Part Number
A(max.) B(max.)
C
φD
φE
J
Applicable Cable
Size
13
3
WEBCR1303 □□□ -1-D
73
90
27.2
9.0
18
19.0
7.0 ~ 9.0
5
WEBCR1305 □□□ -1-D
9.0
16
7
WEBCR1607 □□□ -2-D
29.5
10.5
22
22.2
8.0 ~ 10.5
10
WEBCR1610 □□□ -2-D
10.5
21
4
WEBCR2104 □□□ -1-D
31.8
14.1
26
26.7
10.5 ~ 14.1
4
WEBCR2104 □□□ -2-D
11.0
8.5 ~ 11.0
4
WEBCR2104 □□□ -3-D
8.7
6.5 ~ 8.7
7
WEBCR2107 □□□ -1-D
14.1
10.5 ~ 14.1
7
WEBCR2107 □□□ -2-D
11.0
8.5 ~ 11.0
7
WEBCR2107 □□□ -3-D
8.7
6.5 ~ 8.7
10
WEBCR2110 □□□ -1-D
14.1
10.5 ~ 14.1
10
WEBCR2110 □□□ -2-D
11.0
8.5 ~ 11.0
10
WEBCR2110 □□□ -3-D
8.7
6.5 ~ 8.7
16
WEBCR2116 □□□ -1-D
14.1
10.5 ~ 14.1
16
WEBCR2116 □□□ -2-D
11.0
8.5 ~ 11.0
16
WEBCR2116 □□□ -3-D
8.7
6.5 ~ 8.7
19
WEBCR2119 □□□ -1-D
14.1
10.5 ~ 14.1
19
WEBCR2119 □□□ -2-D
11.0
8.5 ~ 11.0
19
WEBCR2119 □□□ -3-D
8.7
6.5 ~ 8.7
25
16
WEBCR2516 □□□ -1-D
37.0
16.0
30
30.0
12.5 ~ 16.0
16
WEBCR2516 □□□ -2-D
13.0
9.5 ~ 13.0
16
WEBCR2516 □□□ -3-D
10.0
6.8 ~ 10.0
16
WEBCR2516 □□□ -7-D
17.0
15.0 ~ 17.0
24
WEBCR2524 □□□ -1-D
16.0
12.5 ~ 16.0
24
WEBCR2524 □□□ -2-D
13.0
9.5 ~ 13.0
24
WEBCR2524 □□□ -3-D
10.0
6.8 ~ 10.0
24
WEBCR2524 □□□ -7-D
17.0
15.0 ~ 17.0
28
WEBCR2528 □□□ -1-D
16.0
12.5 ~ 16.0
28
WEBCR2528 □□□ -2-D
13.0
9.5 ~ 13.0
28
WEBCR2528 □□□ -3-D
10.0
6.8 ~ 10.0
28
WEBCR2528 □□□ -7-D
17.0
15.0 ~ 17.0
32
WEBCR2532 □□□ -1-D
16.0
12.5 ~ 16.0
32
WEBCR2532 □□□ -2-D
13.0
9.5 ~ 13.0
32
WEBCR2532 □□□ -3-D
10.0
6.8 ~ 10.0
32
WEBCR2532 □□□ -7-D
17.0
15.0 ~ 17.0
12.5
6.7
025-016
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
X
Y
Z
A
B
J:Width of two gripping
sufaces for wrench
WEBCR2524M □ G -1-D
① Connector Style
CR : Cable Receptacle
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤Alternate Insert Position Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Bushing Size
Refer to the following table
⑧ Finish
D:Trivalent Chromium Treatment (Black)
①②
③ ④ ⑤ ⑥ ⑦ ⑧



Html Pages

1 2 3 4 5 6 7 8