Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PML10EZPJV Fiches technique(PDF) 4 Page - Rohm

No de pièce PML10EZPJV
Description  Ultra-low ohmic chip resistors for current detection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

PML10EZPJV Fiches technique(HTML) 4 Page - Rohm

  PML10EZPJV Datasheet HTML 1Page - Rohm PML10EZPJV Datasheet HTML 2Page - Rohm PML10EZPJV Datasheet HTML 3Page - Rohm PML10EZPJV Datasheet HTML 4Page - Rohm PML10EZPJV Datasheet HTML 5Page - Rohm PML10EZPJV Datasheet HTML 6Page - Rohm PML10EZPJV Datasheet HTML 7Page - Rohm PML10EZPJV Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PML series
Datasheet
●
Tape dimensions
(Unit : mm)
■
Paper tape
Part No.
W
F
E
A0
B0
PML10
8.0±0.3
3.5±0.05
1.75±0.1
1.65
+0.2
-0.1
2.4
+0.2
-0.1
PML18
8.0±0.3
3.5±0.05
1.75±0.1
1.95
+0.1
-0.05
3.5
+0.15
-0.05
Part No.
D0
P0
P1
P2
T2
PML10
Φ1.5
+0.1
0
4.0±0.1
4.0±0.1
2.0±0.05
MAX1.1
PML18
Φ1.5
+0.1
0
4.0±0.1
4.0±0.1
2.0±0.05
MAX1.1
■
Embossed tape
(Unit : mm)
Part No.
W
F
E
A0
B0
PML50
12.0±0.3
5.5±0.05
1.75±0.1
2.9±0.2
5.3±0.2
PML100
12.0±0.3
5.5±0.05
1.75±0.1
3.5±0.2
6.7±0.2
Part No.
D0
P0
P1
P2
K
PML50
Φ1.5
+0.1
0
4.0±0.1
4.0±0.1
2.0±0.05
MAX1.1
PML100
Φ1.5
+0.1
0
4.0±0.1
4.0±0.1
2.0±0.05
MAX1.1
●
Reel dimensions
(Unit : mm)
Part No.
A
B
C
D
PML10
Φ180
0
-1.5
Φ60
+1.0
0
9
+1.0
0
Φ13±0.2
PML18
PML50
13
+1.0
0
PML100
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
4/4
2017.01 - Rev.D



Html Pages

1 2 3 4 5 6 7 8