Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESR Fiches technique(PDF) 2 Page - Rohm

No de pièce ESR
Description  Anti-surge chip resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ESR Fiches technique(HTML) 2 Page - Rohm

  ESR Datasheet HTML 1Page - Rohm ESR Datasheet HTML 2Page - Rohm ESR Datasheet HTML 3Page - Rohm ESR Datasheet HTML 4Page - Rohm ESR Datasheet HTML 5Page - Rohm ESR Datasheet HTML 6Page - Rohm ESR Datasheet HTML 7Page - Rohm ESR Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ESR series
             
Datasheet
●
Chip resistor dimensions and markings
■ESR01/03
■ESR10/18/25
<Marking method>
There are three or four digits used for the calculation number
according to IEC code and "R" is used for the decimal point.
(Unit:mm)
Part No.
(mm)
(inch)
L
W
t
a
b
Marking
existence
ESR01
1005
0402
1.00±0.05
0.50±0.05
0.35±0.05
0.20±0.10
0.25
+0.05
-0.10
No*
ESR03
1608
0603
1.60±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
No*
ESR10
2012
0805
2.00±0.10
1.25±0.10
0.55±0.10
0.30±0.20
0.40±0.20
Yes
ESR18
3216
1206
3.20±0.15
1.60±0.15
0.55±0.10
0.30±0.25
0.50±0.25
Yes
ESR25
3225
1210
3.20±0.15
2.50±0.15
0.55±0.10
0.30±0.25
0.50±0.25
Yes
*Only with spuare mark
●
Land pattern example
(Unit:mm)
Dimensions
A
B
C
D
Part No.
ESR01
0.5
1.3
0.5
0.4
ESR03
1.0
2.0
0.8
0.5
ESR10
1.2
2.6
1.15
0.70
ESR18
2.2
4.0
1.5
0.9
ESR25
2.2
4.0
2.3
0.9
                                                                                                           
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
2/4
2016.12 - Rev.G



Html Pages

1 2 3 4 5 6 7 8