Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AB4S Fiches technique(PDF) 3 Page - Chip Integration Technology Corporation

No de pièce AB4S
Description  Single Phase 0.5AMP Surface Mount Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CITC [Chip Integration Technology Corporation]
Site Internet  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

AB4S Fiches technique(HTML) 3 Page - Chip Integration Technology Corporation

  AB4S Datasheet HTML 1Page - Chip Integration Technology Corporation AB4S Datasheet HTML 2Page - Chip Integration Technology Corporation AB4S Datasheet HTML 3Page - Chip Integration Technology Corporation AB4S Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
■ ABS foot print
Dimensions in inches and (millimeters)
B
0.059 (1.50)
A
0.035 (0.90)
C
0.125 (3.20)
B
D
C
E
D
0.225 (5.72)
A
E
0.161 (4.10)
■ Ordering/Packing information
Part number
Case
AB2S
Q'TY/Reel (PCS) Q'TY/Box (PCS)
Q'TY/Carton (PCS)
ABS
4,000
8,000
40,000
Notes: 1. For packaging details please reference our website at http://www.citcorp.com.tw/tchinese/products/index.php
Notes:
AB2SG
Halogen
Halogen free
Document ID : DS-22B45
Revised Date : 2016/09/07
Revision : C1
■ Marking Information
Marking Code
Part number
AB2S
Halogen
ABS2N
AB4S
ABS4N
AB6S
ABS6N
AB8S
ABS8N
AB10S
ABS10N
AB2SG
Halogen free
ABS2NH
AB4SG
ABS4NH
AB6SG
ABS6NH
AB8SG
ABS8NH
AB10SG
ABS10NH
Marking code
-
+
AB2S SERIES
Single Phase 0.5AMP Surface Mount Glass Passivated Bridge Rectifiers



Html Pages

1 2 3 4