Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X9428WPI Fiches technique(PDF) 14 Page - Xicor Inc.

No de pièce X9428WPI
Description  Single Digitally Controlled Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XICOR [Xicor Inc.]
Site Internet  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9428WPI Fiches technique(HTML) 14 Page - Xicor Inc.

Back Button X9428WPI Datasheet HTML 10Page - Xicor Inc. X9428WPI Datasheet HTML 11Page - Xicor Inc. X9428WPI Datasheet HTML 12Page - Xicor Inc. X9428WPI Datasheet HTML 13Page - Xicor Inc. X9428WPI Datasheet HTML 14Page - Xicor Inc. X9428WPI Datasheet HTML 15Page - Xicor Inc. X9428WPI Datasheet HTML 16Page - Xicor Inc. X9428WPI Datasheet HTML 17Page - Xicor Inc. X9428WPI Datasheet HTML 18Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
X9428
Characteristics subject to change without notice.
14 of 20
REV 1.1.5 7/8/03
www.xicor.com
HIGH-VOLTAGE WRITE CYCLE TIMING
XDCP TIMING
Note:
(8) A device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the undefined region of the falling
edge of SCL.
TIMING DIAGRAMS
START and STOP Timing
Input Timing
Output Timing
Symbol
Parameter
Typ.
Max.
Unit
tWR
High-voltage write cycle time (store instructions)
5
10
ms
Symbol
Parameter
Min.
Max.
Unit
tWRPO
Wiper response time after the third (last) power supply is stable
10
µs
tWRL
Wiper response time after instruction issued (all load instructions)
10
µs
tWRID
Wiper response time from an active SCL/SCK edge (increment/decrement instruction)
10
µs
tSU:STA
tHD:STA
tSU:STO
SCL
SDA
tR
(START)
(STOP)
tF
tR
tF
SCL
SDA
tHIGH
tLOW
tCYC
tHD:DAT
tSU:DAT
tBUF
SCL
SDA
tDH
tAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20