| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8980 Fiches technique(PDF) 55 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8980 Fiches technique(HTML) 55 Page - Wolfson Microelectronics plc |
|
55 / 81 page ![]() Product Preview WM8980 w PP Rev 1.6 January 2005 55 In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRC transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles after each LRC transition. Figure 25 Right Justified Audio Interface (assuming n-bit word length) In I 2S mode, the MSB is available on the second rising edge of BCLK following a LRC transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of the next. Figure 26 I 2S Audio Interface (assuming n-bit word length) |