| Moteur de recherche de fiches techniques de composants électroniques |
|
RT5508 Fiches technique(PDF) 2 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT5508 Fiches technique(HTML) 2 Page - Richtek Technology Corporation |
|
2 / 57 page ![]() RT5508 Copyright © 2017 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation www.richtek.com DS5508-01 March 2017 2 Marking Information 03 YM DNN 03 : Product Code YMDNN : Date Code Pin Configuration (TOP VIEW) TEST4 TEST3 DAI2 LRCK2 BCK2 NC NC DATAO LRCK1 BCK1 SCL SDA DAI1 DVDD DATAI DGND TEST5 ADS1 VBAT ADS2 PVDD TEST1 TEST2 VBST PGND OUTA OUTB BGND VINB E6 D6 C6 B6 A6 E1 D1 C1 B1 A1 E2 D2 C2 B2 A2 E3 A3 E4 D4 C4 A4 B4 E5 A5 E7 D7 C7 B7 A7 WL-CSP-29B 2.87x2.07 (BSC) Functional Pin Description Pin No. Pin Name Type Pin Function A1 DAI2 I I2S data input 2. A2 DATAO O I2S data output. A3 DAI1 I I2S data input 1. A4 DATAI I I2S Data Input 3. A5 ADS1 I Address select 1. A6 ADS2 I Address select 2. A7 OUTB O Class-d inverting output. B1 LRCK2 I I2S word select 2. B2 LRCK1 I I2S word select 1. B4 TEST3 I Test purpose, connect to PCB ground. B6 PVDD P Class-D supply voltage. B7 PGND G Class-D supply ground. C1 BCK2 I I2S bit clock 2. C2 BCK1 I I2S bit clock 1. C4 TEST4 I Test purpose, connect to PCB ground. C6 TEST1 I Test purpose, connect to VBST. C7 OUTA O Class-D non-inverting output. D1, E1 NC No internal connection. D2 SCL I I2C clock. D4 TEST5 I Test purpose, connect to PCB ground. D6 TEST2 I Test purpose, connect to VBST. D7 BGND G Boosted ground. E2 SDA I/O I2C data. E3 DVDD P Digital / Analog supply voltage. E4 DGND G Digital / Analog ground. |