| Moteur de recherche de fiches techniques de composants électroniques |
|
MPX2202AP Fiches technique(PDF) 31 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPX2202AP Fiches technique(HTML) 31 Page - Motorola, Inc |
|
31 / 670 page ![]() 1–25 Motorola Sensor Device Data www.motorola.com/semiconductors MEDIA TEST METHODS Figures 11 and 12 show a test apparatus specifically intended for use with solvents and Figure 13 an apparatus for aqueous solutions. This test system has resulted in a realistic test environment that provides electrical bias, in situ measurements, consistent stoichiometry, and temperature control all within a safe environment. The safety aspects of the testing were obtained by creating an environment free of oxygen to eliminate the possibility of a fire. Results from the testing have included swelling of silicone materials, corrosion, and adhesive failures. Figure 11. Graphical depiction of the sensor media tester used for liquid or vapor exposure of the device to the harsh media to accelerate the failure mechanisms or demonstrate compatibility. CONDENSER COILS SENSORS TO AUTOMATIC TEST SYSTEM LOADING CHAMBER THERMOCOUPLES FLUORINATED HYDROCARBON LIQUID WITH EXTERNAL HEATER MODULAR TEST PLATE WITH O–RING SEAL TO DRAIN TO PUMP FROM PUMP TANK 1 TANK 2 V A P O R L I Q U I D LID ELECTRICAL CONNECTIONS WITH VOLTAGE AND CURRENT LINKING PROTECTION POROUS NITROGEN PURGE LINES Figure 12. Photograph of the load chamber area of the Media Test System allowing for fuel or solvent testing at temperature with in situ monitoring of the devices under test (DUT’s) output. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |