Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPX2202DP Fiches technique(PDF) 383 Page - Motorola, Inc

No de pièce MPX2202DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2202DP Fiches technique(HTML) 383 Page - Motorola, Inc

Back Button MPX2202DP Datasheet HTML 379Page - Motorola, Inc MPX2202DP Datasheet HTML 380Page - Motorola, Inc MPX2202DP Datasheet HTML 381Page - Motorola, Inc MPX2202DP Datasheet HTML 382Page - Motorola, Inc MPX2202DP Datasheet HTML 383Page - Motorola, Inc MPX2202DP Datasheet HTML 384Page - Motorola, Inc MPX2202DP Datasheet HTML 385Page - Motorola, Inc MPX2202DP Datasheet HTML 386Page - Motorola, Inc MPX2202DP Datasheet HTML 387Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 670 page
background image
AN1309
3–237
Motorola Sensor Device Data
www.motorola.com/semiconductors
+
–
R5
1 k
R1
1 k
–
+
–
+
–
+
R3
1.2 k
R2
2.7 k
R12
470
R14
470
R4
1 k
R9
1 k
R10
820
R13
1 k
R11
200
B+
S1
ON/OFF
MC78L05ACP
U1 3
2
1
I
G
O
C2
0.1
µF
C1
1
µF
GND
ANALOG OUT
ZERO
CAL.
10
9
U3C
MC33274
8
11
MC33274
MC33274
MC33274
U3B
U3A
12
13
6
5
2
3
4
7
14
1
U3D
R7 75
R8 75
32
1
4
XDCR1
MPX2100DP
FULL SCALE CAL.
LM3914N
U2
D1
D9
D10 D2
D3
D4
D5
D6
D7
D8
D1-D10
MV57164
BAR
GRAPH
TP1 (FULL SCALE VOLTAGE)
GND
TP2 +5 VOLTS
D11
MV57124A
POWER ON INDICATOR
LED
GND
B+
RLO
SIG
RHI
REF
ADJ
MOD
LED
1
2
3
4
5
6
7
8
910
11
12
13
14
15
16
17
18
Figure 2. Compensated Pressure Sensor EVB Schematic
R6
7.5 k
LED
LED
LED
LED
LED
LED
LED
LED
–
+
+
–
–
+
–
+
B+
C1
0.1
µF
C2
1
µF
GND
U1
3
2
1
32
41
5
6
4
7
MC33274
I
G
O
MC78L05ACP
U2B
R4
1 k
R5
1 k
13
12
R3
100 k
U2D
U2A
3
2
OUTPUT
1
R2
1 k
R1
1 k
MC33274
MC33274
14
U2C
MC33274
8
10
9
R6
1 k
R7
1 k
VOFFSET
Figure 3. Compensated Sensor Interface
NOTE:
For zero pressure voltage independent
of sensor common mode R6/R7 = R2/R1
XDCR
MPX2100
11
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More