| Moteur de recherche de fiches techniques de composants électroniques |
|
MPX2202DP Fiches technique(PDF) 381 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPX2202DP Fiches technique(HTML) 381 Page - Motorola, Inc |
|
381 / 670 page ![]() 3–235 Motorola Sensor Device Data www.motorola.com/semiconductors AN1309 Compensated Sensor Bar Graph Pressure Gauge Prepared by: Warren Schultz Discrete Applications Engineering INTRODUCTION Compensated semiconductor pressure sensors such as the MPX2000 family are relatively easy to interface with digital systems. With these sensors and the circuitry described herein, pressure is translated into a 0.5 to 4.5 volt output range that is directly compatible with Microcomputer A/D inputs. The 0.5 to 4.5 volt range also facilitates interface with an LM3914, making Bar Graph Pressure Gauges relatively simple. Figure 1. DEVB147 Compensated Pressure Sensor Evaluation Board (Board No Longer Available) MOTOROLA SEMICONDUCTOR APPLICATION NOTE REV 1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |