| Moteur de recherche de fiches techniques de composants électroniques |
|
MM24 Fiches technique(PDF) 5 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MM24 Fiches technique(HTML) 5 Page - Vishay Siliconix |
|
5 / 6 page ![]() www.vishay.com 6 MM22 and MM24 Vishay Dale Document Number 36008 Revision 22-Aug-00 NUMBER A B D “E” CABLE OPENING OF CONTACTS ± 0.016 [0.406] ± 0.030 [0.76] C ± 0.016 [0.406] SQ. IN. [Sq. mm] 5 0.690 [17.53] 0.650 [16.51] 0.468 [11.89] 0.310 [7.87] 0.028 [0.711] 7 0.780 [19.81] 0.650 [16.51] 0.562 [14.27] 0.440 [11.18] 0.037 [0.940] 9 0.870 [22.10] 0.650 [16.51] 0.656 [16.66] 0.500 [12.70] 0.052 [1.321] 11 0.780 [19.81] 0.650 [16.51] 0.532 [13.51] 0.440 [11.18] 0.054 [1.372] 14 0.870 [22.10] 0.650 [16.51] 0.625 [15.88] 0.500 [12.70] 0.076 [1.930] 20 1.06 [26.92] 0.650 [16.51] 0.814 [20.68] 0.620 [15.75] 0.105 [2.667] 26 1.25 [31.75] 0.650 [16.51] 1.0 [25.40] 0.620 [15.75] 0.105 [2.667] 29 1.34 [34.04] 0.650 [16.51] 1.09 [27.67] 0.620 [15.75] 0.105 [2.667] 34 1.25 [31.75] 0.650 [16.51] 1.03 [26.16] 0.500 [12.70] 0.160 [4.064] 44 1.50 [38.10] 1.17 [29.72] 1.28 [32.51] 0.500 [12.70] 0.190 [4.826] 50 1.62 [41.15] 1.17 [29.72] 1.41 [35.81] 0.620 [15.75] 0.202 [5.131] 34, 44, 50 CONTACTS 11, 14, 20, 26, 29 CONTACTS 5, 7, 9 CONTACTS 34, 44, 50 CONTACTS 11, 14, 20, 26, 29 CONTACTS C B HOOD VARIATIONS in inches [millimeters] 027H SKH or SK2H 5, 7, 9 CONTACTS 0.090 [2.29] D 0.610 ± 0.030 [15.49 ± 0.762] 0.268 ± 0.016 [6.81 ± 0.406] A E 2-56 UNC-2A 0.640 [16.26] 0.090 [2.29] E A 2-56 UNC-2A 0.348 ± 0.016 [8.84 ± 0.406] D 0.090 [2.29] 2-56 UNC-2A D 0.452 ± 0.016 [11.48 ± 0.406] A E 0.640 [16.26] 0.220 [5.59] C 0.300 [7.62] 0.220 [5.59] C 0.300 [7.62] B 0.220 [5.59] 0.300 [7.62] B 0.570 ± 0.030 [14.48 ± 0.762] 0.220 [5.59] C B 0.300 [7.62] 0.046 [1.17] 0.092 [2.34] A D 0.268 ± 0.016 [6.81 ± 0.406] E 0.090 [2.29] 0.610 ± 0.030 [15.49 ± 0.762] 2-56 UNC-2A 0.300 [7.62] 0.092 [2.34] C 0.220 [5.59] B 0.570 ± 0.030 [14.48 ± 0.762] 0.046 [1.17] 0.090 [2.29] A 0.348 ± 0.016 [8.84 ± 0.406] 0.640 [16.26] E D 2-56 UNC-2A 0.300 [7.62] 0.220 [5.59] 0.092 [2.34] 0.570 ± 0.030 [14.48 ± 0.762] B 0.046 [1.17] C E 0.640 [16.26] D 0.090 [2.29] 0.452 ± 0.016 [11.48 ± 0.406] A 2-56 UNC-2A |