| Moteur de recherche de fiches techniques de composants électroniques |
|
MM22MM24 Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MM22MM24 Fiches technique(HTML) 3 Page - Vishay Siliconix |
|
3 / 6 page ![]() www.vishay.com 4 MM22 and MM24 Vishay Dale Document Number 36008 Revision 22-Aug-00 DIMENSIONS in inches [millimeters] NOTE: The views below show the wiring side of a pin model connector (female is opposite). Socket hardware assembled at “A” contact end of a pin model connector. MOUNTING VARIATIONS in inches [millimeters] 29 CONTACTS 0.047 [1.19] Typ. 14 CONTACTS 0.124 [3.15] Typ. 0.162 [4.11] 0.081 [2.06] 0.376 [9.55] Ref. 0.093 [2.36] Dia. Typ. 0.625 [15.88] 11 CONTACTS 0.047 [1.19] Typ. 0.090 [2.29] Typ. 0.270 [6.86] Ref. 0.656 [16.66] 0.376 [9.55] Ref. 0.135 [3.43] Typ. 0.093 [2.36] Dia. Typ. 0.140 [3.56] Typ. 18 CONTACTS 0.125 [3.17] Typ. 0.162 [4.11] 0.532 [13.51] 0.282 [7.16] Ref. 0.047 [1.19] Typ. 0.081 [2.06] 0.093 [2.36] Dia. Typ. A B C A B C A B C D 7 CONTACTS 5 CONTACTS 9 CONTACTS 11 CONTACTS 14 CONTACTS 18 CONTACTS A B C D E DIP SOLDER PC BOARD MOUNTING PATTERNS Male (MMP) Connector Shown — Female is Opposite. Contact, Contact Row and Mating Hole C to C Dimensions also Applies to Solder Cup Style Connectors. 0.380 [9.65] 0.656 [16.66] 0.870 [22.10] 0.190 [4.83] AB C D E F H J K M L N P R S T U V 0.656 [16.66] 0.880 [22.35] 0.210 ± 0.020 [5.33 ± 0.508] 0.105 [2.67] A B C D E F H J K 0.880 [22.35] 0.270 [6.86] 0.625 [15.88] 0.135 [3.43] A B C D E F H J K L M N R P 0.162 [4.11] 0.047 [1.19] Typ. 0.846 [21.49] Ref. 0.093 [2.36] Dia. Typ. 0.124 [3.15] Typ. 0.081 [2.06] 1.09 [27.69] A B C 0.690 [17.53] 0.468 [11.89] 0.105 [2.67] 0.030 [0.762] R Typ. (5 thru 9) 0.210 ± 0.020 [5.33 ± 0.508] 0.790 [20.07] 0.562 [14.27] 0.210 ± 0.020 [5.33 ± 0.508] 0.105 [2.67] A B C E D F H 0.270 [6.86] 0.532 [13.51] 0.780 [19.81] 0.060 [1.52] R Typ. (11 thru 44) 0.135 [3.43] A B C D E F H J K L M 20 CONTACTS 1.06 [26.92] .814 [20.68] 0.135 [3.43] 0.270 [6.86] A B C D E F H J K L M N P R S T U V W X 44 CONTACTS 0.190 [4.83] 1.50 [38.10] 0.380 [9.65] 1.28 [32.51] A B C D EF J H K L M N PR S T UV W X Y Z AA BB CC DD EE FF HH JJ KK LL MM NN PP RR SS TT UU VV WW XX YY ZZ 26 CONTACTS 1.25 [31.75] 1.0 [25.40] 0.135 [3.43] 0.270 [6.86] B C D E F H J K L M N P R S T U V a Z Y X b d W c A 29 CONTACTS 1.09 [27.69] 1.34 [34.04] 0.135 [3.43] 0.270 [6.86] T U A B C D F E H J K L M N P R S V W X Y Z a b c d e f h 34 CONTACTS 0.190 [4.83] 1.03 [26.16] 1.25 [31.75] 0.380 [9.65] A B C D EF HJ K L MN P R S T UV W Y Z AA X BB CC DD EE FF HH JJ KK LL MM NN 50 CONTACTS 0.190 [4.83] 1.41 [35.81] 1.62 [41.15] 0.380 [9.65] AB C D E F HJ K L M N a P R ST U V W AA X Y Z BB CC DD EE FF HH b c d e f h j k m n p rs tu v w x y z 5 CONTACTS 7 CONTACTS 20 CONTACTS 26 CONTACTS 0.093 [2.36] Dia. Typ. 0.162 [4.11] 0.124 [3.15] Typ. 0.047 [1.19] Typ. 0.081 [2.06] 1.0 [25.40] 0.752 [19.10] Ref. A C B 0.140 [3.56] Typ. 0.562 [14.27] 0.093 [2.36] Dia. Typ. 0.282 [7.16] Ref. 0.047 [1.19] Typ. 0.081 [2.06] 0.040 [1.02] A B 0.140 [3.56] Typ. 0.081 [2.06] 0.093 [2.36] Dia. Typ. 0.040 [1.02] 0.468 [11.89] 0.188 [4.78] Ref. 0.047 [1.19] Typ. 9 CONTACTS 0.140 [3.56] Typ. 0.047 [1.19] Typ. 0.093 [2.36] Dia. Typ. 0.081 [2.06] 0.040 [1.02] 0.376 [9.55] Ref. 0.656 [16.66] A B LL 0.081 [2.06] 0.047 [1.19] Typ. 0.162 [4.11] 0.125 [3.17] Typ. 0.093 [2.36] Dia. Typ. 0.564 [14.33] Ref. 0.814 [20.68] A B C A B |