| Moteur de recherche de fiches techniques de composants électroniques |
|
LP104S5-A2VT Fiches technique(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LP104S5-A2VT Fiches technique(HTML) 20 Page - NXP Semiconductors |
|
20 / 24 page ![]() LP104S5 LP104S5--A2VT A2VT Liquid Crystal Display Liquid Crystal Display Product Specification Product Specification Ver Ver 0.0 0.0 Oct.06. Oct.06. 2000 2000 Page Page 20 20//23 23 6. Reliability - Environment test condition No. Test Item Conditions 1 High temperature storage test Ta = 60 °C 240h 2 Low temperature storage test Ta = -20 °C 240h 3 High temperature operation test Ta = 50 °C 50%RH 240h 4 Low temperature operation test Ta = 0 °C 240h 5 Vibration test (non-operating) Sine wave, 10~500~10Hz, 1.5G, 0.37oct/min, 3 axis, 1 hour/axis 6 Shock test (non-operating) Half sine wave, 180G, 2ms, one shock of each six faces (i.e. run 180G 2ms for all six faces.) 7 Altitude operating storage/shipment 0 - 10,000 feet (3048m) 0 - 40,000 feet (12192m) {Result Evaluation Criteria} There should be no change which might affect the practical display function when the display quality test is conducted under normal operating condition. Alpha Point Ltd. Vernissakatu 8A 01300 Vantaa, Finland Tel.: +358-9-34 64 34 1 Fax: +358-9-34 64 34 2 http://www.alpha.fi |