| Moteur de recherche de fiches techniques de composants électroniques |
|
BC557 Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BC557 Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 12 page ![]() 1997 Mar 27 2 Philips Semiconductors Product specification PNP general purpose transistors BC556; BC557; BC558 FEATURES • Low current (max. 100 mA) • Low voltage (max. 65 V). APPLICATIONS • General purpose switching and amplification. DESCRIPTION PNP transistor in a TO-92; SOT54 plastic package. NPN complements: BC546, BC547 and BC548. PINNING PIN DESCRIPTION 1 emitter 2 base 3 collector Fig.1 Simplified outline (TO-92; SOT54) and symbol. handbook, halfpage1 3 2 MAM281 3 2 1 QUICK REFERENCE DATA SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCBO collector-base voltage open emitter BC556 −−80 V BC557 −−50 V BC558 −−30 V VCEO collector-emitter voltage open base BC556 −−65 V BC557 −−45 V BC558 −−30 V ICM peak collector current −−200 mA Ptot total power dissipation Tamb ≤ 25 °C − 500 mW hFE DC current gain IC = −2 mA; VCE = −5V BC556 125 475 BC557; BC558 125 800 fT transition frequency IC = −10 mA; VCE = −5 V; f = 100 MHz 100 − MHz |