Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMF103JD Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SMF103JD
Description  Voltage 100V~ 1000V 1.0 Amp Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF103JD Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF103JD Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF103JD Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMF102JD ~ SMF107JD
Voltage 100V~ 1000V
1.0 Amp Surface Mount Fast Recovery Rectifiers
20-Mar-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass passivated device
Ideal for surface mounted applications
Metallurgically bonded construction
MECHANICAL DATA
Case: JEDEC SOD-123JD
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
MARKING
Product
Marking
Product
Marking
SMF102JD
SMF105JD
F5
SMF103JD
SMF106JD
SMF104JD
F2
SMF107JD
F7
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123JD
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%
.)
Part Number
Parameters
Symbol
SMF
102JD
SMF
103JD
SMF
104JD
SMF
105JD
SMF
106JD
SMF
107JD
Unit
Recurrent Reverse Voltage (Max.)
VRRM
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
70
140
280
420
560
700
V
DC Blocking Voltage (Max.)
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
I(AV)
1.0
A
Peak Forward Surge Current 8.3 ms Single
HalfSine Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Maximum Instantaneous Forward Voltage @
1 A
VF
1.3
V
TA =25°C
5
Maximum DC reverse current
At rated DC blocking voltage
TA =125°C
IR
100
µA
Maximum reverse recovery time
1
TRR
150
250
500
ns
Typical junction capacitance
2
CJ
15
pF
Typical Thermal Resistance
3
RθJL
20
°C/W
Typical Thermal Resistance
3
RθJC
40
°C/W
Operating & Storage Temperature Range
Tj,TSTG
-55~150
°C
Notes:
1.
Measured with IF=0.5A, IR=1A, IRR=0.25A.
2.
Measured at 1.0MHz and applied average voltage of 4.0V DC.
3.
FR4 Board Heat sink size: 10*10*0.2mm.
SOD-123JD
E
F
B
C
D
A
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.6
2.9
E
0.1
0.2
B
1.7
1.9
F
0.8
1.1
C
0.9
1.1
G
0.7
0.9
D
3.5
3.8


Numéro de pièce similaire - SMF103JD

FabricantNo de pièceFiches techniqueDescription
logo
Bytes
SMF103 BYTES-SMF103 Datasheet
151Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
SMF103 UNIOHM-SMF103 Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
SMF103 DGNJDZ-SMF103 Datasheet
218Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Bytes
SMF103A BYTES-SMF103A Datasheet
156Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF103A SECOS-SMF103A Datasheet
204Kb / 2P
1.0AMP Surface Mount Fast Recovery Rectifiers
More results

Description similaire - SMF103JD

FabricantNo de pièceFiches techniqueDescription
logo
Bytes
SM4933 BYTES-SM4933 Datasheet
159Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933A BYTES-SM4933A Datasheet
164Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMF101 BYTES-SMF101 Datasheet
151Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Formosa MS
FSM101 FORMOSA-FSM101 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
SMF101 UNIOHM-SMF101 Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
SMF101A GWSEMI-SMF101A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
DL4933 WINNERJOIN-DL4933 Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
TF1S SECOS-TF1S Datasheet
209Kb / 2P
Voltage 100V ~ 1000V 1.0 Amp Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com