Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM01-R-CAP(D1) Fiches technique(PDF) 2 Page - DDK Ltd.

No de pièce CM01-R-CAP(D1)
Description  DeviceNet Micro-Style Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DDK [DDK Ltd.]
Site Internet  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM01-R-CAP(D1) Fiches technique(HTML) 2 Page - DDK Ltd.

  CM01-R-CAP(D1) Datasheet HTML 1Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 2Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 3Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 4Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 5Page - DDK Ltd. CM01-R-CAP(D1) Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
2
30.85
29.35
25.9
24.4
Item
Conductor Size
AWG 22 - AWG 24 AWG 18 - AWG 20
A set of crimp tool for straight contacts 357J-19811
357J-17917
Contents
Hand Tool
357J-12610
357J-12610
Locator
357J-18918
357J-18918
Inspection Gauge 2
357J-19779-2
357J-17900-2
A set of crimp tool for angle contacts
357J-19812
357J-17898
Contents
Hand Tool
357J-12610
357J-12610
Locator
357J-17899
357J-17899
Inspection Gauge 1
357J-19779-1
357J-17900-1
Inspection Gauge 2
357J-19779-2
357J-17900-2
Item
Conductor Size
AWG 18-AWG 20
A set of crimp tool for angle contacts
357J-21598
Contents
Hand Tool
357J-12610
Locator
357J-17899
Inspection Gauge 2
357J-17900-2
・For DeviceNet Plug and Jack
Highly reliable crimp termination can be made for
the straight plug and the straight jack. Two kinds
of crimp tools are needed since a connector has a
straight contact and angle contacts of which style
are different. However the locater can be removed
and you can use one hand tool for termination if
you have two locators each for the straight contact
and the angle contacts.
・For CC-Link Plug and Jack
The connectors for CC-Link network will have four
(4) angle contacts and the style of contact is only
one. It is feasible for you to terminate the cable to
the contacts by one kind of the crimp tool for angle
contacts.
Straight Pin Contact
Angle Pin Contact
Straight Socket Contact
Angle Socket Contact
RoHS
Compliant
RoHS
Compliant
Item
Plug (With Socket Contacts)
Jack (With Pin Contacts)
Resistor (With Pin or Socket Contacts)
Insulator
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Contact
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Coupling Ring
Copper Alloy/Nickel Plating
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Backshell Nut
Aluminum Alloy/Black
Aluminum Alloy/Black
Aluminum Alloy/Black
Contact Holder
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Backshell
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Clamp Nut
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
O-Ring
Synthetic Rubber/Black
Synthetic Rubber/Black
Synthetic Rubber/Black
Gasket
Synthetic Rubber/Black
Synthetic Rubber/Black for Socket
Bushing
Synthetic Rubber/Black
Synthetic Rubber/Black
Item
“T”Tap
Receptacle
(With Pin Contacts)
Plug Receptacle
(With Socket Contacts)
Insulator
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Contact
Copper Alloy/Gold Plating Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Coupling Ring
Zinc Alloy/Nickel Plating
Shell
Copper Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
Nut Washer
Copper Alloy/Nickel Plating
Copper Alloy/Nickel Plating
Gasket(Mating Side)
Synthetic Rubber/Black
Synthetic Rubber/Black
Gasket(Mounting Side)
Synthetic Rubber/Black
Synthetic Rubber/Black
Overmolding Resin
Plastic(UL94V-0)/Black
MATERIAL/FINISH
CRIMP TOOL
◆ CONFIGURATION OF CONTACTS



Html Pages

1 2 3 4 5 6