Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAS9138ASB1 Fiches technique(PDF) 10 Page - Micro Analog systems

No de pièce MAS9138ASB1
Description  ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9138ASB1 Fiches technique(HTML) 10 Page - Micro Analog systems

Back Button MAS9138ASB1 Datasheet HTML 2Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 3Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 4Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 5Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 6Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 7Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 8Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 9Page - Micro Analog systems MAS9138ASB1 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 (10)
DA9138.005
12 April, 2006
ORDERING INFORMATION
Product Code
Product
Package
Comments
MAS9138N
PDIP16
25 pcs/tube
MAS9138ASB1
SO16
47 pcs/tube
MSB0091A Bake
recommendation for surface
mounted devices
MAS9138A1SD06
SO16 RoHS compliant
Tape&Reel in MBB, 1000 pcs
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
Tel. +358 9 80 521
Fax +358 9 805 3213
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown in this
data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that circuits are
free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog Systems Oy makes
no claim or warranty that such applications will be suitable for the use specified without further testing or modification.



Html Pages

1 2 3 4 5 6 7 8 9 10