Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NAND256R3A0AV6F Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce NAND256R3A0AV6F
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256R3A0AV6F Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button NAND256R3A0AV6F Datasheet HTML 5Page - STMicroelectronics NAND256R3A0AV6F Datasheet HTML 6Page - STMicroelectronics NAND256R3A0AV6F Datasheet HTML 7Page - STMicroelectronics NAND256R3A0AV6F Datasheet HTML 8Page - STMicroelectronics NAND256R3A0AV6F Datasheet HTML 9Page - STMicroelectronics NAND256R3A0AV6F Datasheet HTML 10Page - STMicroelectronics NAND256R3A0AV6F Datasheet HTML 11Page - STMicroelectronics NAND256R3A0AV6F Datasheet HTML 12Page - STMicroelectronics NAND256R3A0AV6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
9/57
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
Figure 3. Logic Block Diagram
Address
Register/Counter
Command
Interface
Logic
P/E/R Controller,
High Voltage
Generator
WP
I/O Buffers & Latches
I/O8-I/O15, x16
E
W
AI07561c
R
Y Decoder
Page Buffer
NAND Flash
Memory Array
I/O0-I/O7, x8/x16
Command Register
CL
AL
RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57