| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8972LEFL Fiches technique(PDF) 47 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8972LEFL Fiches technique(HTML) 47 Page - Wolfson Microelectronics plc |
|
47 / 49 page ![]() Preliminary Technical Data WM8972L w PTD Rev 2.2 June 2004 47 PACKAGE DIMENSIONS DM030.C FL: 32 PIN QFN PLASTIC PACKAGE 5 X 5 X 0.9 mm BODY, 0.50 mm LEAD PITCH NOTES: 1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP. DIMENSION L1 REPRESENTS TERMINAL PULL BACK FROM PACKAGE SIDE WALL. MAXIMUM OF 0.1mm IS ACCEPTABLE. WHERE TERMINAL PULL BACK EXISTS, ONLY UPPER HALF OF LEAD IS VISIBLE ON PACKAGE SIDE WALL DUE TO HALF ETCHING OF LEADFRAME. 2. FALLS WITHIN JEDEC, MO-220 WITH THE EXCEPTION OF D2, E2: D2,E2: LARGER PAD SIZE CHOSEN WHICH IS JUST OUTSIDE JEDEC SPECIFICATION 3. ALL DIMENSIONS ARE IN MILLIMETRES 4. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE. 5. SHAPE AND SIZE OF CORNER TIE BAR MAY VARY WITH PACKAGE TERMINAL COUNT. CORNER TIE BAR IS CONNECTED TO EXPOSED PAD INTERNALLY SEE DETAIL B E2 E2/2 b B 16 15 A 8 9 e 5 CORNER TIE BAR C 0.08 C ccc A A1 C (A3) SEATING PLANE 1 B D2 L D2/2 SEE DETAIL A INDEX AREA (D/2 X E/2) TOP VIEW D C aaa 2 X C aaa 2 X E DETAIL B DETAIL A B C bbb M A 32x b L1 1 1 5 CORNER TIE BAR Symbols Dimensions (mm) MIN NOM MAX NOTE A A1 A3 b D D2 E E2 e L L1 R 0.85 0.90 1.00 0.05 0.02 0 0.2 REF 0.30 0.23 0.18 5.00 3.4 3.3 3.2 0.5 BSC 0.35 0.4 0.45 0.1 b(min)/2 1 2 2 1 K 0.20 aaa bbb ccc REF: 0.15 0.10 0.10 JEDEC, MO-220, VARIATION VKKD-2 Tolerances of Form and Position 4.90 5.10 5.00 4.90 5.10 3.4 3.3 3.2 EXPOSED CENTRE PAD 1 17 24 25 32 |