| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8150CDS Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8150CDS Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 24 page ![]() Production Data WM8150 w PD Rev 3.0 November 2002 3 ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical Characteristics at the test conditions specified. ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage of this device. The WM8150 has been classified as MSL1, which has an unlimited floor life at <30 oC / 85%C Relative Humidity and therefore will not be supplied in moisture barrier bags. CONDITION MIN MAX Analogue supply voltage: AVDD GND - 0.3V GND+7V Digital core voltage: DVDD1 GND - 0.3V GND+7V Digital IO supply voltage: DVDD2 GND - 0.3V GND+7V Digital ground: DGND GND - 0.3V GND + 0.3V Analogue grounds: AGND1 − 2 GND - 0.3V GND + 0.3V Digital inputs, digital outputs and digital I/O pins GND - 0.3V DVDD2 + 0.3V Analogue input (VINP) GND - 0.3V AVDD + 0.3V Other pins GND - 0.3V AVDD + 0.3V Operating temperature range: TA 0°C +70°C Storage temperature prior to soldering 30 oC max / 85% RH max Storage temperature after soldering -65°C +150°C Package body temperature (soldering, 10 seconds) +260°C Package body temperature (soldering, 2 minutes) +183 °C Notes: 1. GND denotes the voltage of any ground pin. 2. AGND1, AGND2 and DGND pins are intended to be operated at the same potential. Differential voltages between these pins will degrade performance. RECOMMENDED OPERATING CONDITIONS CONDITION SYMBOLMIN TYP MAX UNITS Operating temperature range TA 070 °C Analogue supply voltage AVDD 4.75 5.0 5.25 V Digital core supply voltage DVDD1 4.75 5.0 5.25 V 5V I/O DVDD2 4.75 5.0 5.25 V Digital I/O supply voltage 3.3V I/O DVDD2 2.97 3.3 3.63 V |