Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER53E Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce VIPER53E
Description  STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53E Fiches technique(HTML) 1 Page - STMicroelectronics

  VIPER53E Datasheet HTML 1Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.st.com/vipower
Thanks to the MDmesh MOSFET with a breakdown
voltage of 620V, an RDS(on) of 1Ω at 25°C and a
typical handling output power of 40W for a 85 to
265Vac voltage mains. For this level of power the
device does not require a heat-sink.
The total power consumption of the converter is less
than 0.5W for the system when working in stand-by
mode. This means power supply designers can easily
meet the Blue Angel Eco or Energy Star Program.
Although the main application of VIPer53E is in
AC/DC converters for consumer equipment such
as set-top boxes, DVDs, VCRs, it can also be used
for stand-by power supplies for servers or in home
appliances where a very efficient AC/DC power
supply in buck topology is needed.
The higher VDD voltage range brings flexibility in
designing the transformer. In fact in secondary
regulation VIPer53E VDD voltage extends from 9V
to 18V, while in the VIPer53 it goes from 9V to 14.5V
and this wide voltage range can follow fast load
variations. The extended VDD is implemented by
eliminating an internal error amplifier.
Automatic burst mode for very low consumption
in stand-by conditions (less than 500mW);
Integrated high voltage start-up current source;
Overload and short circuit control;
Over-voltage protection at 18V;
Over-temperature shutdown;
Under-voltage protection;
Current mode control with adjustable drain current
limitation;
Externally set switching frequency, up to 300kHz.
VIPer53EDIP
VIPer53ESP
195-265Vac
30W
40W
85-265Vac
Input Mains
P / N
50W
65W
VIPer53E general block diagram
overtemp
detector
oscillator
R1
150/400ns
blanking
VIPer53E
R2
R3
S
FF
R4
Q
R5
8.4/
11.5V
18V
0.5V
4.35V
4V
1V
8V
125k
ON/OFF
OSC
DRAIN
SOURCE
COMP
TOVL
VDD
UVLO
comparator
overvoltage
comparator
overload
comparator
standby
comparator
PWM
Latch
PWM
comparator
current
amplifier
HCOMP
4.5V
0.5V
blanking time
selection
The new VIPer53E includes a PWM driver, an
MDmesh MOSFET, a start-up high voltage current
source and several on-chip protection circuits.
The VIPer53E is an alternative choice to the VIPer53
when only the secondary regulation is required in
a power supply. Like the standard VIPer53, the new
version is housed in surface mounting DIP-8 and
PowerSO-10 packages.


Numéro de pièce similaire - VIPER53E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
OFF-line Primary Switch
12-Jan-2006
VIPER53ESP-E STMICROELECTRONICS-VIPER53ESP-E Datasheet
285Kb / 31P
OFF-line Primary Switch
12-Jan-2006
VIPER53ESPTR-E STMICROELECTRONICS-VIPER53ESPTR-E Datasheet
285Kb / 31P
OFF-line Primary Switch
12-Jan-2006
More results

Description similaire - VIPER53E

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Winsemi Microe...
WS2268 WINSEMI-WS2268 Datasheet
226Kb / 8P
Primary Side AC/DC Controller
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
State-of-the-Art SMT Design Industry Standard
logo
International Rectifier
IRF7855TRPBF IRF-IRF7855TRPBF Datasheet
618Kb / 8P
Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
State of the art protection for every application
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
State-of-the-Art, High Brightness Chip Technology
logo
List of Unclassifed Man...
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
Surge Suppressor- State of the art protection for every application
logo
International Rectifier
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
logo
PEAK electronics GmbH
P6BUKU-3R33R3ELF PEAK-P6BUKU-3R33R3ELF Datasheet
454Kb / 5P
THE WORLD OF DC/DC-CONVERTERS
logo
List of Unclassifed Man...
EVALU8R ETC2-EVALU8R Datasheet
501Kb / 26P
State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
Authentication, state-of-the-art security for peripherals and IoT devices
19-Dec-2019
More results


Html Pages

1