| Moteur de recherche de fiches techniques de composants électroniques |
|
S-8521 Fiches technique(PDF) 2 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S-8521 Fiches technique(HTML) 2 Page - Seiko Instruments Inc |
|
2 / 44 page ![]() STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER S-8520/8521 Series Rev.9.0_01 2 Applications • On-board power supplies of battery devices for mobile phone, electronic notebooks, PDAs. • Power supplies for audio equipment, including portable CD players and headphone stereo equipment. • Fixed voltage power supply for cameras, video and communication devices. • Power supplies for microcomputers • Conversion from NiH or four NiCd cells or two lithium-ion cells to 3.3 V / 3 V. • Conversion of AC adapter input to 5 V / 3 V. Package • SOT-23-5 |