Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7344S Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce TDA7344S
Description  DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7344S Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button TDA7344S Datasheet HTML 12Page - STMicroelectronics TDA7344S Datasheet HTML 13Page - STMicroelectronics TDA7344S Datasheet HTML 14Page - STMicroelectronics TDA7344S Datasheet HTML 15Page - STMicroelectronics TDA7344S Datasheet HTML 16Page - STMicroelectronics TDA7344S Datasheet HTML 17Page - STMicroelectronics TDA7344S Datasheet HTML 18Page - STMicroelectronics TDA7344S Datasheet HTML 19Page - STMicroelectronics TDA7344S Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Be
B1
D
22
21
42
1
e1
c
E1
E
e2
Gage Plane
.015
0,38
e2
e3
E
SDIP42
SDIP42 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.08
0.20
A1
0.51
0.020
A2
3.05
3.81
4.57
0.120
0.150
0.180
B
0.38
0.46
0.56
0.0149
0.0181
0.0220
B1
0.89
1.02
1.14
0.035
0.040
0.045
c
0.23
0.25
0.38
0.0090
0.0098
0.0150
D
36.58
36.83
37.08
1.440
1.450
1.460
E
15.24
16.00
0.60
0.629
E1
12.70
13.72
14.48
0.50
0.540
0.570
e
1.778
0.070
e1
15.24
0.60
e2
18.54
0.730
e3
1.52
0.060
L
2.54
3.30
3.56
0.10
0.130
0.140
TDA7344
19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20