Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST162552 Fiches technique(PDF) 21 Page - Exar Corporation

No de pièce ST162552
Description  DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST162552 Fiches technique(HTML) 21 Page - Exar Corporation

Back Button ST162552 Datasheet HTML 17Page - Exar Corporation ST162552 Datasheet HTML 18Page - Exar Corporation ST162552 Datasheet HTML 19Page - Exar Corporation ST162552 Datasheet HTML 20Page - Exar Corporation ST162552 Datasheet HTML 21Page - Exar Corporation ST162552 Datasheet HTML 22Page - Exar Corporation ST162552 Datasheet HTML 23Page - Exar Corporation ST162552 Datasheet HTML 24Page - Exar Corporation ST162552 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
3-155
ST16C2552
STOP BIT
PARITY BIT
DATA BITS (5-8)
D0
D1
D2
D3
D4
D5
D6
D7
5 DATA BITS
6 DATA BITS
7 DATA BITS
START BIT
TRANSMIT TIMING
TX
NEXT
DATA
START BIT
INTx
IOW*
T34
T35
T33
16 BAUD RATE CLOCK
162450-TX-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28