Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC7457EC Fiches technique(PDF) 65 Page - Freescale Semiconductor, Inc

No de pièce MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Fiches technique(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 68Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
65
Part Numbering and Marking
11.3 Part Marking
Parts are marked as the examples shown in Figure 32.
Figure 31. Part Marking for BGA Device
BGA
Notes:
MMMMMM is the 6-digit mask number.
ATWLYYWWA is the traceability code.
MC7457
RXnnnnLx
MMMMMM
ATWLYYWWA
7457
BGA
MC7447
RX1nnnLx
MMMMMM
ATWLYYWWA
7447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68