| Moteur de recherche de fiches techniques de composants électroniques |
|
TUSB212 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB212 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 21 page ![]() 13 TUSB212 www.ti.com SLLSEX5 – AUGUST 2017 Product Folder Links: TUSB212 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 3. Connect a USB host, the USB-IF device-side test fixture, and USB device to the TUSB212. Ensure that the USB-IF device test fixture is configured to the ‘INIT’ position 4. Allow the host to enumerate the device 5. Enable the device to transmit USB TEST_PACKET 6. Using SMA cables, connect the oscilloscope to the USB-IF device-side test fixture and ensure that the device-side test fixture is configured to the ‘TEST’ position. 7. Execute the oscilloscope USB compliance software. 8. Repeat the above steps in order to re-test TUSB212 with different AC and DC boost settings. |