| Moteur de recherche de fiches techniques de composants électroniques |
|
SC16C754 Fiches technique(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C754 Fiches technique(HTML) 39 Page - NXP Semiconductors |
|
39 / 49 page ![]() Philips Semiconductors SC16C754 Quad UART with 64-byte FIFO Product data Rev. 04 — 19 June 2003 39 of 49 9397 750 11618 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. Fig 18. Receive timing. D0 D1 D2 D3 D4 D5 D6 D7 ACTIVE ACTIVE 16 BAUD RATE CLOCK 002aaa113 t21d NEXT DATA START BIT STOP BIT PARITY BIT START BIT t20d RX INT IOR DATA BITS (5-8) 5 DATA BITS 6 DATA BITS 7 DATA BITS Fig 19. Receive ready timing in non-FIFO mode. D0 D1 D2 D3 D4 D5 D6 D7 ACTIVE DATA READY ACTIVE 002aaa114 t26d NEXT DATA START BIT STOP BIT PARITY BIT START BIT t25d RX RXRDY IOR DATA BITS (5–8) |